Part Number Hot Search : 
KIT1018S BR203 BMW200 71308 ZY180 WSD491 FST16861 625ET
Product Description
Full Text Search
 

To Download SAFEB1G57KE0F00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW FILTER FOR GPS
Murata part number :SAFEB1G57KE0F00
Package Dimensions Specification
Item Nominal Center Frequency(f c)
1.350.05 1.050.05
Specif ication -30 to 85C 252C 1575.5MHz 1.3 dB max. 1.2 dB max. 0.95 dB typ.
Insertion Loss (1573.92 to 1576.92MHz) A bsolute A ttenuation 1)
(0.20) 0.6max.
Dot Marking(0.3)
JT
www..com
0.1 to 250 to 810 to 960 to 1429 to
250 MHz 810 MHz 960 MHz 1429 MHz 1453 MHz
40 dB min. 41 dB min. 40 dB min. 40 dB min. 40 dB min. 37 dB min. 1.1 dB min. 40 dB min. 43 dB min. 44 dB min. 43 dB min. 43 dB min. 45 dB min. 40 dB min. 30 dB min. 0.6dB max.
40 dB min. 41 dB min. 40 dB min. 40 dB min. 40 dB min. 37 dB min. 1.1 dB min. 40 dB min. 43 dB min. 44 dB min. 43 dB min. 43 dB min. 45 dB min. 40 dB min. 30 dB min. 0.5dB max.
48 dB 42 dB 42 dB 42 dB 53 dB 43 dB 1.6 dB 46 dB 46 dB 46 dB 47 dB 50 dB 50 dB 44 dB 33 dB 0.03 dB
2) 3) 4) 5) 6) 7)
1453 to 1525.42 MHz 1525 to 1625 to 1710 to 1749.9 to 1785 to 1920 to 1990 to 2170 to 2700 to 1560 MHz 1710 MHz 1749.9 MHz 1785 MHz 1920 MHz 1990 MHz 2170 MHz 2700 MHz 6000 MHz
5-0.3250.050
8)
2-0.250.05
(0.075)
9) 10) 11) 12)
(2) (1) (5)
(3)
(0.05) 2-0.250.05
(4) 5-0.250.05 2-0.250.05
13) 14) 15)
Ripple Deviation (1573.92 to 1576.92MHz)
Marking : Laser Printing (1) : Input (4) : Output Others : Ground Unit : mm
V SWR (1573.92 to 1576.92MHz) Input/Output Impedance (nominal) Input Signal Level
1.7 max.
1.5 max. 5 0
1.2
50mW (+17dBm), 2000 hours
Sep. 27, 2006
1/4
SAW FILTER FOR GPS
Murata part number :SAFEB1G57KE0F00
Frequency Performance
0 10 20 30 0 2 4 6 8 10 12 14 16 1770
I.L.(dB)
40 50 60 70 80 1370
www..com
1410
1450
1490
1530
frequency(MHz)
1570
1610
1650
1690
1730
0 10 20 30
I.L.(dB)
40 50 60 70 80 0 600 1200 1800 2400
frequency(MHz)
3000
3600
4200
4800
5400
6000
Sep. 27, 2006
2/4
SAW FILTER FOR GPS
Murata part number :SAFEB1G57KE0F00
4.00.1 2.000.05
+0.1 1.5-0.0
1.750.10
3.500.05
Dimensions of Carrier Tape
www..com
4.00.1 3max.
+0.1 0.8-0.0 Direction of Feed Cover Tape
8.00.2
0.300.05 0.700.10
1.30.1
3max.
1.60.1
Unit: mm
JT
JT
JT
Dimensions of Tape
Trailer tape 160...190 Components
80...120 Leader Cavity 400...560 Unit: mm
Dimensions of Reel
2.00.5
9.00.5 13.5max. (178) (60)
13.00.5
Unit: mm
SAFEB1G57KE0F00R14 ... 4000pcs/reel SAFEB1G57KE0F00R12 ... 2000pcs/reel
Sep. 27, 2006 3/4
SAW FILTER FOR GPS
Murata part number :SAFEB1G57KE0F00
Recommended Land Pattern
0.25 0.425 0.25 0.425 0.325 0.525
0.325
0.525
0.25 1.6
0.325
www..com
0.25 : Land Pattern Unit : mm
Test Circuit
50
2 1 5 4
3
1.3
S.S.G.
50
RF Voltmeter V1
* This PDF Datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. * This PDF Datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Sep. 27, 2006 4/4


▲Up To Search▲   

 
Price & Availability of SAFEB1G57KE0F00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X